Part Number Hot Search : 
VND5E 40812 ISL12024 1N4370B B940A 1J101 10095052 NMF1215S
Product Description
Full Text Search
 

To Download SUD40N08-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUD40N08-16
Vishay Siliconix
N-Channel 80-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
80
FEATURES
ID (A)
40
rDS(on) (W)
0.016 @ VGS = 10 V
D TrenchFETr Power MOSFET D 175_C Maximum Junction Temperature D 100% Rg Tested
TO-252
D
Drain Connected to Tab G D S
G
Top View Ordering Information: SUD40N08-16 SUD40N08-16--E3 (Lead Free) S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C)b Pulsed Drain Current Continuous Source Current (Diode Conduction) Avalanche Current Repetitive Avalanche Energy (Duty Cycle v 1%) Maximum Power Dissipation Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IS IAR EAR PD TJ, Tstg
Limit
80 "20 40 30 60 40 40 80 136b 3a -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambienta J ti t A bi t Junction-to-Case Notes a. Surface Mounted on 1" x1" FR4 Board. b. See SOA curve for voltage derating. Document Number: 71323 S-40272--Rev. C, 23-Feb-04 www.vishay.com t v 10 sec Steady State
Symbol
RthJA RthJC
Typical
15 40 0.85
Maximum
18 50 1.1
Unit
_C/W C/W
1
SUD40N08-16
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 80 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currentb IDSS ID(on) VDS = 80 V, VGS = 0 V, TJ = 125_C VDS = 80 V, VGS = 0 V, TJ = 175_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 40 A Drain-Source On-State Resistanceb Forward Transconductanceb rDS(on) gfs VGS = 10 V, ID = 40 A, TJ = 125_C VGS = 10 V, ID = 40 A, TJ = 175_C VDS = 15 V, ID = 40 A 45 60 0.013 0.016 0.027 0.037 S W 80 2.0 4.0 "100 1 50 250 A m mA V nA
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf VDD = 40 V, RL = 1.0 W ID ^ 40 A, VGEN = 10 V, Rg = 2.5 W 0.5 12 52 25 10 VDS = 40 V, VGS = 10 V, ID = 40 A , , VGS = 0 V, VDS = 25 V, F = 1 MHz 1960 370 200 42 7 13 2.7 20 80 38 15 ns W 60 nC pF
Gate Resistance Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current Diode Forward Voltageb Source-Drain Reverse Recovery Time ISM VSD trr IF = 40 A, VGS = 0 V IF = 40 A, di/dt = 100 A/ms 1.0 45 60 1.5 70 A V ns
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71323 S-40272--Rev. C, 23-Feb-04
SUD40N08-16
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
100 VGS = 10 thru 7 V 80 I D - Drain Current (A) I D - Drain Current (A) 80 100
Transfer Characteristics
60
6V
60
40
40
TC = 125_C 25_C -55_C
20
3, 4 V
5V
20
0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
0 0 1 2 3 4 5 6 7 VGS - Gate-to-Source Voltage (V)
Transconductance
80 TC = -55_C r DS(on)- On-Resistance ( W ) g fs - Transconductance (S) 60 25_C 0.03 0.04
On-Resistance vs. Drain Current
125_C 40
0.02 VGS = 10 V
20
0.01
0 0 20 40 60 80 100
0.00 0 20 40 60 80 100
ID - Drain Current (A) 3000 2500 C - Capacitance (pF) 2000 1500 1000 500 0 0 20 40 60 80 VDS - Drain-to-Source Voltage (V) Crss Coss
ID - Drain Current (A) 20 VDS = 10 V ID = 40 A
Capacitance
Gate Charge
V GS - Gate-to-Source Voltage (V)
16
Ciss
12
8
4
0 0 15 30 45 60 75 Qg - Total Gate Charge (nC)
Document Number: 71323 S-40272--Rev. C, 23-Feb-04
www.vishay.com
3
SUD40N08-16
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.4 2.0 rDS(on) - On-Resiistance (Normalized) 1.6 1.2 0.8 0.4 0.0 -50 VGS = 10 V ID = 40 A I S - Source Current (A) 10 TJ = 150_C 100
Source-Drain Diode Forward Voltage
1
TJ = 25_C
0.1
-25
0
25
50
75
100
125
150
175
0.01 0 0.3 0.6 0.9 1.2 VSD - Source-to-Drain Voltage (V)
TJ - Junction Temperature (_C)
THERMAL RATINGS
Maximum Avalanche Drain Current vs. Case Temperature
50 1000
Safe Operating Area
40 I D - Drain Current (A) I D - Drain Current (A)
100
Limited by rDS(on)
10 ms 100 ms
30
10 1 ms 10 ms 1 TC = 25_C Single Pulse 100 ms 1 s, dc
20
10
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
0.1
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2 0.1 0.1 0.02 0.05 Single Pulse 0.01 10-4 10-3
Normalized Thermal Transient Impedance, Junction-to-Case
10-2
10-1 Square Wave Pulse Duration (sec)
1
10
30
www.vishay.com
4
Document Number: 71323 S-40272--Rev. C, 23-Feb-04
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SUD40N08-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X